Part Number Hot Search : 
NJM2710V EC3AW14 EC3AW14 P4KE68A LTC29 133BZ BZX55B33 AON6516
Product Description
Full Text Search
 

To Download TLP561G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tlp561g 201 5-08-27 1 toshiba photocoupler gaas ired & photo ? triac tlp561g triac driver programmable controllers ac ? output module solid state relay the toshiba tlp561g consists of a zero voltage crossing turn ? on photo ? triac optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic dip package. ? peak off ? state voltage: 400 v (min) ? trigger led current : 10 ma (m ax ) ? on ? state current: 100 ma (max) ? isolation voltage: 2500 v rms (min) ? ul recognized: ul1577, file no. e67349 ? isolation operating voltage: 2500 v ac or 300 v dc for isolation group c* 1 trigger led current classi fication * 2 trigger led current (ma) marking o f classification v t = 3 v, ta = 25 c min max (ift5) D 5 t5 (ift7) D 7 t5, t7 standard D 10 t5, t7, blank (note) application type name for certification test, please use standard product type name, i.e. tlp561g (ift5): tlp561g *1: according to vde0110, table 4. *2: specify both the part number and a rank in this format when ordering. example: tlp561g (ift5) pin configuration (top view) 1 : anode 2 : cathode 3 : n.c. 4 : triac terminal 6 : triac terminal 1 2 4 6 3 zc unit : mm toshiba 11 ? 7a9 weight: 0.39 g (typ.) start of commercial production 1986
tlp561g 201 5-08-27 2 absolute maximum ratings ( ta = 25 c) characteristic symbol rating unit led forward current i f 50 ma forward current derating (ta 53 c) i f / c ? 0.7 ma / c peak forward current (100 s pulse, 100pps) i fp 1 a reverse voltage v r 5 v junction temperature t j 125 c input power dissipation p d 100 mw detector off ? state output terminal voltage v drm 400 v on ? state rms current ta = 25 c i t(rms) 100 ma ta = 70 c 50 on ? state current derating (ta 25 c) i t / c ? 1.1 ma / c peak on ? state current (100 s pulse, 120pps) i tp 2 a peak non - repetitive surge current (pw = 10ms) i tsm 1.2 a junction temperature t j 115 c output power dissipation p o 3 00 mw storage temperature range t stg ? 55 to 125 c operating temperature range t opr ? 40 to 100 c lead soldering temperature (10s) t sol 260 c isolation voltage (ac, 1 min., r.h. 60%) * 3 bv s 2500 v rms note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook ( handling precautions / derating concept and methods ) and individual reliability data (i.e. reliability test report and estimated failure rate, etc .). *3: this device is considered as a two - terminal device: pins 1, 2 and 3 are shorted together, and pins 4 and 6 are shorted together. recommended operating conditions characteristic symbol min typ. max unit supply voltage v ac D D 120 v ac forward current i f 15 20 25 ma peak on ? state current i tp D D 1 a operating temperature t opr ? 25 D 85 c note: recommended operating conditions are given as a design guideline to obtain expected performance of the devices. each item also has its own independent guideline document. in developing designs using these products, please confirm the specified characteristics shown in these documents.
tlp561g 201 5-08-27 3 in dividual electrical characteristics (ta = 25 c) characteristic symbol test condition min typ. max unit led forward voltage v f i f = 10ma 1.0 1.15 1.3 v reverse current i r v r = 5v D D 10 a capacitance c t v = 0 v , f = 1mhz D 30 D pf detector peak off ? state current i drm v drm = 400v D 10 100 na peak on ? state voltage v tm i tm = 100ma D 1.7 3.0 v holding current i h D D 0.6 D ma critical rate of rise of off ? state voltage dv / dt v in = 120v rms , ta = 85 c (fig.1) 200 500 D v / s critical rate or rise of commutating voltage (dv/dt) dv / dt (c) v in = 30v rms , i t = 15ma (fig.1) D 0.2 D v / s coupled electrical characteristics ( ta = 25 c) characteristic symbol test condition min typ. max unit trigger led current i ft v t = 3v D 5 10 ma inhibit voltage v ih i f = rated i ft D D 40 v leakage in inhibited state i ih i f = rated i ft v t = rated v drm D 10 0 300 a capacitance (input to output) c s v s = 0 v , f = 1mhz D 0.8 D pf isolation resistance r s v s = 500 v , r.h. 60% 5 10 10 10 14 D isolation voltage bv s ac, 1 minute 2500 D D v rms ac, 1 second, in oil D 5000 D dc, 1 minute, in oil D 5000 D v dc fig.1: dv / dt test circuit dv / dt (c ) dv / dt 5v, v cc 0v 1 2 3 6 4 r in 4k 120 v cc v in C + r l
tlp561g 201 5-08-27 4 ambient temperature ta ( c) i f C ta allowable forward current i f (ma) 120 100 80 60 20 40 0 C 20 100 80 0 60 40 20 ambient temperature ta ( c) 120 i t(rms) C ta r. m. s. on - state current i t (rms) (ma) 100 80 60 20 40 0 C 20 200 160 0 120 80 40 duty cycle ratio d r i fp C d r allowable pulse forward current i fp (ma) 3 3 10 -3 3 3000 10 1000 500 30 100 50 300 10 -1 10 -2 3 pulse width 100 s ta = 25c 10 0 i f C v f forward current i f (ma) forward voltage v f (v) 100 50 0.3 5 0.5 30 3 1 10 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 ta = 25 c v f / ta C i f forward voltage temperature coefficient v f / ta ( m v / c) C 3.2 C 2.0 C 2.4 C 2.8 C 0.4 C 1.6 C 1.2 C 0.8 forward current i f (ma) 0.1 0.3 1 3 10 30 0.5 5 50 i fp C v fp pulse forward current i fp (ma) pulse forward voltage v fp (v) 1000 500 0.6 3 50 5 300 30 10 100 1 1.0 1.4 1.8 2.2 2.6 pulse width 10 s repetitive frequency = 100hz ta = 25
tlp561g 201 5-08-27 5 note: th e above characteristics curves are presented for reference only and not guaranteed by production test, unless otherwise noted. 100 80 60 20 40 0 C 20 3 1.2 1 0.5 0.3 0.1 C 40 2 ambient temperature ta ( ) holding current i h (arbitrary unit) normalized i h C ta ambient temperature ta ( ) trigger led current i ft (arbitrary unit) normalized i ft C ta v t = 3v 100 80 60 20 40 0 C 20 3 1.2 1 0.5 0.3 0.1 C 40 2 normalized i drm C ta ambient temperature ta ( ) 10 3 80 60 40 20 0 peak off - state current i drm (arbitrary unit) 100 10 2 10 1 10 0 v drm = rated ambient temperature ta ( ) off - state output terminal voltage v drm (arbitrary unit) normalized v drm C ta 1.4 100 80 0 C 40 1.2 1.0 0.8 0.6 0.4 0.2 60 40 20 C 20 inhibit voltage vi h (arbitrary unit) 100 80 60 20 40 0 C 20 3 1.2 1 0.5 0.3 0.1 C 40 2 ambient temperature ta ( ) normalized v ih C ta i f = rated i ft inhibit current i ih (arbitrary unit) 100 80 60 20 40 0 C 20 3 1.2 1 0.5 0.3 0.1 C 40 2 ambient temperature ta ( ) normalized i ih C ta i f = rated i ft v t = rated v drm
tlp561g 201 5-08-27 6 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collectively "toshiba"), reserve the right to make changes to the informati on in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba's written permission, reproduction is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. before customers use the product, create designs including t he product, or incorporate the product into their own applications, customers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and conditions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be used with or for. customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design o r applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, d iag rams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted for use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific applications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or ex plosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in f inance - related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse - engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is presented only as guidance for product use. no responsibility is assumed by toshiba for a ny infringement of patents or any other intellectual property rights of third parties that may result from the use of product. n o license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provided in the relevant terms and conditions of sale for product, and to the maxim um extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of profits, loss of opportunities, business interrupt ion and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? gaas (gallium arsenide) is used in product. gaas is harmful to humans if consumed or absorbed, whether in the form of dust or vapor. handle with care and do not break, cut, crush, grind, dissolve chemically or otherwise expose gaa s in product. ? do not use or otherwise make available product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). product and related software and technology may be controlled under the applicable expor t laws and regulations including, without limitation, the japanese foreign exchange and foreign trade law and the u.s. export administration regulations. export and re - export of product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pr oduct. please use product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled s ubstances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losse s occurring as a result of noncompliance w ith applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TLP561G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X